Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7301TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7301TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7301TR
Download  IRF7301TR Download
File Size   409.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRF7301TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7301TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7301TR
Download  IRF7301TR Click to download

File Size   409.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRF7301TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7301TR Product details

Description
The SOP-8 has been modified through a customized leadframe for enhanced
thermal characteristics and multiple-die capability making it ideal in a
variety of power applications. With these improvements,multiple devices
can be used in an application with dramatically reduced board space.The
package is designed for vapor phase, infra red,or wave
soldering techniques.Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.

Generation V Technology
Ultra Low On-Resistance
Dual N-Channel Mosfet
Surface Mount
Available in Tape &Reel
Dynamic dv/dt Rating
Fast Switching
Lead-Free

Features
VDS (V) = 20V
RDS(ON) < 40mΩ (VGS = 4.5V)
RDS(ON) < 50mΩ (VGS = 2.7V)





Similar Part No. - IRF7301TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7301TR UMW-IRF7301TR Datasheet
461Kb / 7P
Generation V Technology
logo
VBsemi Electronics Co.,...
IRF7301TRPBF VBSEMI-IRF7301TRPBF Datasheet
1Mb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results


Similar Description - IRF7301TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com