Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7303TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7303TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7303TR
Download  IRF7303TR Download
File Size   396.57 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

IRF7303TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7303TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7303TR
Download  IRF7303TR Click to download

File Size   396.57 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

IRF7303TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7303TR Product details

Features
Generation VTechnology
Ultra Low On-Resistance
Surface Mount
Dynamic dv/dt Rating
Fast Switching
Lead-Free
VDS (V) = 30V
ID = 5.3 A
RDS(ON)< 50mΩ (VGS = -10V)
RDS(ON)< 80mΩ (VGS = -4.5V)




Similar Part No. - IRF7303TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7303TR IRF-IRF7303TR Datasheet
113Kb / 9P
Generation V Technology
logo
Guangdong Youtai Semico...
IRF7303TR UMW-IRF7303TR Datasheet
446Kb / 8P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
IRF7303TRPBF VBSEMI-IRF7303TRPBF Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRF7303TRPBF-TP TECHPUBLIC-IRF7303TRPBF-TP Datasheet
2Mb / 5P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - IRF7303TR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com