Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER1001ACT Datasheet (PDF) - Won-Top Electronics

ER1001ACT Datasheet PDF - Won-Top Electronics
Part # ER1001ACT
Download  ER1001ACT Download
File Size   56.07 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

ER1001ACT Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1001ACT Datasheet PDF - Won-Top Electronics

Part # ER1001ACT
Download  ER1001ACT Click to download

File Size   56.07 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

ER1001ACT Datasheet (HTML) - Won-Top Electronics


ER1001ACT Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - ER1001ACT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1001ACT PANJIT-ER1001ACT Datasheet
57Kb / 3P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
logo
Won-Top Electronics
ER1001ACT WTE-ER1001ACT Datasheet
49Kb / 3P
10A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1001ACT WTE-ER1001ACT Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1001ACT PANJIT-ER1001ACT Datasheet
43Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER1001ACT PANJIT-ER1001ACT Datasheet
85Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results


Similar Description - ER1001ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000 WTE-ER1000_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Zibo Seno Electronic En...
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com