Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER1001AF Datasheet (PDF) - Won-Top Electronics

ER1001AF Datasheet PDF - Won-Top Electronics
Part # ER1001AF
Download  ER1001AF Download
File Size   55.66 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED ULTRAFAST RECTIFIER

ER1001AF Datasheet (PDF)

Go To PDF Page Download Datasheet
ER1001AF Datasheet PDF - Won-Top Electronics

Part # ER1001AF
Download  ER1001AF Click to download

File Size   55.66 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A GLASS PASSIVATED ULTRAFAST RECTIFIER

ER1001AF Datasheet (HTML) - Won-Top Electronics


ER1001AF Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - ER1001AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1001AF PANJIT-ER1001AF Datasheet
350Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
Transys Electronics
ER1001AF TRSYS-ER1001AF Datasheet
149Kb / 3P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER1001AF WTE-ER1001AF Datasheet
48Kb / 3P
10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1001AF WTE-ER1001AF Datasheet
50Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1001AF PANJIT-ER1001AF Datasheet
39Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
More results


Similar Description - ER1001AF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F_06 Datasheet
49Kb / 4P
10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com