Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3040CT Datasheet (PDF) - Won-Top Electronics

MUR3040CT Datasheet PDF - Won-Top Electronics
Part # MUR3040CT
Download  MUR3040CT Download
File Size   55.7 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

MUR3040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3040CT Datasheet PDF - Won-Top Electronics

Part # MUR3040CT
Download  MUR3040CT Click to download

File Size   55.7 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

MUR3040CT Datasheet (HTML) - Won-Top Electronics


MUR3040CT Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - MUR3040CT

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MUR3040CT KISEMICONDUCTOR-MUR3040CT Datasheet
2Mb / 2P
ULTRA FSAT RECTlFIER
logo
Jinan Jing Heng Electro...
MUR3040CT JINGHENG-MUR3040CT Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR3040CT JINGHENG-MUR3040CT Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR3040CT THINKISEMI-MUR3040CT Datasheet
807Kb / 2P
30 Ampere Heatsink Common Cathode Fast Recovery Half Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR3040CT YFWDIODE-MUR3040CT Datasheet
683Kb / 4P
ULTRAFST RECOVERY RECTIFIERS
More results


Similar Description - MUR3040CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000 WTE-ER1000_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
U30D05C WTE-U30D05C Datasheet
61Kb / 4P
30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
logo
Zibo Seno Electronic En...
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com