Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPA00006-03F. Datasheet (PDF) - List of Unclassifed Manufacturers

PPA00006-03F. Datasheet PDF - List of Unclassifed Manufacturers
Part # PPA00006-03F.
Download  PPA00006-03F. Download
File Size   321.36 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SERVER/PDU POWER CORD C-14 TO C19, 15AMP

PPA00006-03F. Datasheet (PDF)

Go To PDF Page Download Datasheet
PPA00006-03F. Datasheet PDF - List of Unclassifed Manufacturers

Part # PPA00006-03F.
Download  PPA00006-03F. Click to download

File Size   321.36 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SERVER/PDU POWER CORD C-14 TO C19, 15AMP

PPA00006-03F. Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - PPA00006-03F.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPA00002 ETC-PPA00002 Datasheet
317Kb / 1P
HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
10/22/2018
PPA00002-01F ETC-PPA00002-01F Datasheet
317Kb / 1P
HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
10/22/2018
PPA00002-02F ETC-PPA00002-02F Datasheet
317Kb / 1P
HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
10/22/2018
PPA00002-03F ETC-PPA00002-03F Datasheet
317Kb / 1P
HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
10/22/2018
PPA00002-06F ETC-PPA00002-06F Datasheet
317Kb / 1P
HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
10/22/2018
More results


Similar Description - PPA00006-03F.

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1654 SCHURTER-1654 Datasheet
359Kb / 3P
Power Cord with IEC Connector C19, Straight
logo
List of Unclassifed Man...
AP9871 ETC2-AP9871 Datasheet
57Kb / 1P
Power Cord, C19 to L6-20P, 3.7m
logo
Tripp Lite. All Rights ...
P040012 TRIPPLITE-P040012 Datasheet
490Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 12AWG (IEC-320-C19 to NEMA L6-20P), 12-ft
P040014 TRIPPLITE-P040014 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 14-ft
P070010 TRIPPLITE-P070010 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 16A (IEC309 to C19), 10-ft
P040-006 TRIPPLITE-P040-006 Datasheet
490Kb / 2P
Heavy-Duty Power Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft.
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
P047-002 TRIPPLITE-P047-002 Datasheet
161Kb / 2P
C19 to C14 Power Cord - Heavy Duty, 15A, 100-250V, 14 AWG, 2 ft., Black
P047-004 TRIPPLITE-P047-004 Datasheet
162Kb / 2P
C19 to C14 Power Cord - Heavy Duty, 15A, 100-250V, 14 AWG, 4 ft., Black
P005-006-RD TRIPPLITE-P005-006-RD Datasheet
165Kb / 2P
Heavy Duty PDU Power Cord, C13 to C14 - 15A, 250V, 14 AWG, 6 ft., Red Plugs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com