Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC046N13NM6 Datasheet (PDF) - Infineon Technologies AG

ISC046N13NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC046N13NM6
Download  ISC046N13NM6 Download
File Size   1175.17 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 135 V

ISC046N13NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC046N13NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC046N13NM6
Download  ISC046N13NM6 Click to download

File Size   1175.17 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 135 V

ISC046N13NM6 Datasheet (HTML) - Infineon Technologies AG


ISC046N13NM6 Product details

Features
• N-channel, normal level
• Very low on-resistance RDS(on)
• Excellent gate charge x RDS(on) product (FOM)
• Very low reverse recovery charge (Qrr)
• 100% avalanche testedg
• 175°C operating temperature
• Optimized for motor drives and battery powered applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• MSL 1 classified according to J-STD-020




Similar Part No. - ISC046N13NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC046N04NM5 INFINEON-ISC046N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-23
More results


Similar Description - ISC046N13NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
IQE013N04LM6CGSC INFINEON-IQE013N04LM6CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
IQE013N04LM6SC INFINEON-IQE013N04LM6SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
IPF019N12NM6 INFINEON-IPF019N12NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-02-03
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
IQDH45N04LM6CG INFINEON-IQDH45N04LM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com