Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-2AI-U-10/0...+10VDC Datasheet (PDF) - Turck, Inc.

BL20-2AI-U-10/0...+10VDC Datasheet PDF - Turck, Inc.
Part # BL20-2AI-U-10/0...+10VDC
Download  BL20-2AI-U-10/0...+10VDC Download
File Size   290.54 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 2 Analog Inputs for Voltage

BL20-2AI-U-10/0...+10VDC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL20-2AI-U-10/0...+10VDC Datasheet PDF - Turck, Inc.

Part # BL20-2AI-U-10/0...+10VDC
Download  BL20-2AI-U-10/0...+10VDC Click to download

File Size   290.54 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 2 Analog Inputs for Voltage

BL20-2AI-U-10/0...+10VDC Datasheet (HTML) - Turck, Inc.


BL20-2AI-U-10/0...+10VDC Product details

■ Fieldbus and connection technology independent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 2 analog inputs -10/0 …+10 VDC

Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely independent of the type of higher level field bus
through the use of gateways.




Similar Part No. - BL20-2AI-U-10/0...+10VDC

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-2AI-PT/NI-2/3 TURCK-BL20-2AI-PT/NI-2/3 Datasheet
269Kb / 4P
BL20 electronic module 2 Analog Inputs for Pt and Ni Sensors
2023-07-21
BL20-2AI-THERMO-PI TURCK-BL20-2AI-THERMO-PI Datasheet
215Kb / 4P
BL20 electronic module 2 Analog Thermocouple Inputs
2023-07-21
More results


Similar Description - BL20-2AI-U-10/0...+10VDC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702072 PHOENIX-2702072 Datasheet
297Kb / 31P
Axioline F analog input and output module, 2 inputs, 2 outputs
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
7280 PHOENIX-7280 Datasheet
758Kb / 43P
Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
logo
Schneider Electric
TM3AI4 SCHNEIDER-TM3AI4 Datasheet
138Kb / 5P
module TM3 - 4 analog inputs
Aug 11, 2019
TM3AI8 SCHNEIDER-TM3AI8 Datasheet
130Kb / 5P
module TM3 - 8 analog inputs
Aug 10, 2019
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
WAGO Kontakttechnik Gmb...
706-4756-407-200 WAGO-706-4756-407-200 Datasheet
42Kb / 2P
System cable; for Rockwell Control Logix; 2 x 8 analog inputs (voltage)
23.11.2021
706-4756-407-300 WAGO-706-4756-407-300 Datasheet
43Kb / 2P
System cable; for Rockwell Control Logix; 2 x 8 analog inputs (voltage)
23.11.2021
logo
Schneider Electric
TPRAN2X1 SCHNEIDER-TPRAN2X1 Datasheet
108Kb / 3P
Analog IO module, TeSys island, 2 inputs, 1 output
May 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com