Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-2AO-I-0/4...20MA Datasheet (PDF) - Turck, Inc.

BL20-2AO-I-0/4...20MA Datasheet PDF - Turck, Inc.
Part # BL20-2AO-I-0/4...20MA
Download  BL20-2AO-I-0/4...20MA Download
File Size   220.23 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 2 Analog Outputs for Current

BL20-2AO-I-0/4...20MA Datasheet (PDF)

Go To PDF Page Download Datasheet
BL20-2AO-I-0/4...20MA Datasheet PDF - Turck, Inc.

Part # BL20-2AO-I-0/4...20MA
Download  BL20-2AO-I-0/4...20MA Click to download

File Size   220.23 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 2 Analog Outputs for Current

BL20-2AO-I-0/4...20MA Datasheet (HTML) - Turck, Inc.


BL20-2AO-I-0/4...20MA Product details

■ Fieldbus and connection technology independent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 2 analog outputs 0/4…20 mA

Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely independent of the type of higher level field bus
through the use of gateways.




Similar Part No. - BL20-2AO-I-0/4...20MA

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-2AO-U-10/0...+10VDC TURCK-BL20-2AO-U-10/0...+10VDC Datasheet
221Kb / 4P
BL20 electronic module 2 Analog Outputs for Voltage
2023-07-21
More results


Similar Description - BL20-2AO-I-0/4...20MA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702072 PHOENIX-2702072 Datasheet
297Kb / 31P
Axioline F analog input and output module, 2 inputs, 2 outputs
2867128 PHOENIX-2867128 Datasheet
72Kb / 3P
Analog extension module with 4 analog current outputs 4 mA ... 20mA
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
7280 PHOENIX-7280 Datasheet
758Kb / 43P
Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
WAGO Kontakttechnik Gmb...
706-2300-500-200 WAGO-706-2300-500-200 Datasheet
158Kb / 3P
System cable; for Siemens S7-300; 4 analog outputs (current); Length: 2 m;
23.11.2021
706-2400-500-200 WAGO-706-2400-500-200 Datasheet
145Kb / 2P
System cable; for Siemens S7-400; 8 analog outputs (current); Length: 2 m;
23.11.2021
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
BMEAHO0412 SCHNEIDER-BMEAHO0412 Datasheet
201Kb / 5P
analog ouput module X80 - 4 outputs HART - current Isolated
Apr 18, 2022
BMXAMO0210 SCHNEIDER-BMXAMO0210 Datasheet
149Kb / 5P
isolated analog output module X80 - 2 outputs
Apr 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com