Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS293033 Datasheet (PDF) - Silicon Supplies

SIS293033 Datasheet PDF - Silicon Supplies
Part # SIS293033
Download  SIS293033 Download
File Size   950.97 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS293033 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS293033 Datasheet PDF - Silicon Supplies

Part # SIS293033
Download  SIS293033 Click to download

File Size   950.97 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS293033 Datasheet (HTML) - Silicon Supplies


SIS293033 Product details

Description
Ultra-
The SiS293033 low-noise, low dropout, high precision
linear regulator operates with up to 12V input and
provides 300mA output current. Typical output noise is
44μVRMS with dropout voltage 270mV at 150mA load.
The SiS293033 is highly accurate over temperature
and exhibits excellent load and line transient response.
Ruggedized features include internal output current
limiting; short-circuit protection and thermal overload
protection. Very small die size enables high
integration.

Features:
 Low Temperature Coefficient: ±100ppm/°C
 Low Dropout: 270mV at 150mA
 ± 3% Voltage Accuracy at 300mA load
 Excellent Line Regulation: 0.05%/V
 Low Noise (10Hz to 100kHz): 44μVRMS
 High PSRR: 60dB Range to 10kHz
 Input Voltage up to 12V (absolute max 14V)
 Low Quiescent Current: 8μA.




Similar Part No. - SIS293033

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS293050 SS-SIS293050 Datasheet
1Mb / 5P
Linear Voltage Regulator
Rev 1.0 29/04/24
More results


Similar Description - SIS293033

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com