Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3423 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3423 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3423
Download  AO3423 Download
File Size   2116.65 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement MOSFET

AO3423 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3423 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3423
Download  AO3423 Click to download

File Size   2116.65 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement MOSFET

AO3423 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3423 Product details

Features
VDS (V) =-20V
ID =-2.0 A (VGS =-10V)
RDS(ON) < 92mΩ (VGS =-10V)
RDS(ON) < 118mΩ (VGS =-4.5V)
RDS(ON) < 166mΩ (VGS =-2.5V)




Similar Part No. - AO3423

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3423 AOSMD-AO3423 Datasheet
126Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO3423 AOSMD-AO3423 Datasheet
288Kb / 5P
20V P-Channel MOSFET
logo
Shenzhen Yixinwei Techn...
AO3423 YIXIN-AO3423 Datasheet
2Mb / 4P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3423 KEXIN-AO3423 Datasheet
1Mb / 4P
SMD Type
logo
VBsemi Electronics Co.,...
AO3423 VBSEMI-AO3423 Datasheet
1,023Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - AO3423

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com