Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS308PE Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

BSS308PE Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # BSS308PE
Download  BSS308PE Download
File Size   645.35 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

BSS308PE Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS308PE Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # BSS308PE
Download  BSS308PE Click to download

File Size   645.35 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

BSS308PE Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


BSS308PE Product details

Features
VDS (V) = -30V
RDS(ON)< 80mΩ (VGS = 10V)
RDS(ON)< 130mΩ (VGS = 4.5V)

Product Summary
P-channel
Enhancement mode
Logic level (4.5V rated)
ESD protected




Similar Part No. - BSS308PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS308PE INFINEON-BSS308PE Datasheet
248Kb / 9P
OptiMOS??P3 Small-Signal-Transistor
Rev 2.02 2010-03-29
logo
ZP Semiconductor
BSS308PE ZPSEMI-BSS308PE Datasheet
262Kb / 3P
OptiMOS??P3 Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS308PE TYSEMI-BSS308PE Datasheet
176Kb / 3P
OptiMOS P3 Small-Signal-Transistor
logo
VBsemi Electronics Co.,...
BSS308PE VBSEMI-BSS308PE Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
BSS308PE UMW-BSS308PE Datasheet
434Kb / 8P
P-channe
More results


Similar Description - BSS308PE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com