Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML2244 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLML2244 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLML2244
Download  IRLML2244 Download
File Size   383.09 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLML2244 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML2244 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML2244
Download  IRLML2244 Click to download

File Size   383.09 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLML2244 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLML2244 Product details

Features
VDS (V) = -20V
RDS(ON)< 54mΩ (VGS = 4.5V)
RDS(ON)< 95mΩ (VGS = 2.5V)




Similar Part No. - IRLML2244

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
IRLML2244 LEIDITECH-IRLML2244 Datasheet
2Mb / 5P
-20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
System/Load Switch
logo
International Rectifier
IRLML2244PBF IRF-IRLML2244PBF Datasheet
240Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
Compatible with existing Surface Mount Techniques
logo
Guangdong Youtai Semico...
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
System/Load Switch
More results


Similar Description - IRLML2244

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com