Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDT3055 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

NDT3055 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # NDT3055
Download  NDT3055 Download
File Size   287.25 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel

NDT3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
NDT3055 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # NDT3055
Download  NDT3055 Click to download

File Size   287.25 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel

NDT3055 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


NDT3055 Product details

General Description
These logic level N-Channel enhancement This very
high density process is especially tailored to
minimize on-state resistance and provide
superior switching performance, and withstand high
energy pulse in the avalanche and commutation
modes. These devices are particularly suited for
low voltage applications such as DC motor control
and DC/DC conversion where fast switching, low inline
power loss, and resistance to transients are
needed.

Features
Low drive requirements allowing operation directly from logic
drivers. VGS(TH) < 2V.
High density cell design for extremely low RDS(ON).
High power and current handling capability in a widely used
surface mount package.
VDS (V) = 60V
RDS(ON)< 100mΩ (V GS = 10V)
RDS(ON)< 50mΩ (V GS = 4.5V)




Similar Part No. - NDT3055

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDT3055 FAIRCHILD-NDT3055 Datasheet
226Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT3055 VBSEMI-NDT3055 Datasheet
1,010Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
NDT3055L FAIRCHILD-NDT3055L Datasheet
228Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT3055L VBSEMI-NDT3055L Datasheet
1,010Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NDT3055L ONSEMI-NDT3055L Datasheet
378Kb / 6P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev.1
More results


Similar Description - NDT3055

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
logo
International Rectifier
IRFF024 IRF-IRFF024 Datasheet
132Kb / 7P
60V, N-CHANNEL
IRFM044 IRF-IRFM044 Datasheet
189Kb / 7P
60V, N-CHANNEL
logo
New Jersey Semi-Conduct...
IRF054 NJSEMI-IRF054 Datasheet
98Kb / 2P
60V, N-CHANNEL
logo
Guangdong Youtai Semico...
ZXMN6A25 UMW-ZXMN6A25 Datasheet
610Kb / 7P
60V N-Channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com