Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U60D40C Datasheet (PDF) - Won-Top Electronics

U60D40C Datasheet PDF - Won-Top Electronics
Part # U60D40C
Download  U60D40C Download
File Size   56.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 60A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

U60D40C Datasheet (PDF)

Go To PDF Page Download Datasheet
U60D40C Datasheet PDF - Won-Top Electronics

Part # U60D40C
Download  U60D40C Click to download

File Size   56.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 60A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER

U60D40C Datasheet (HTML) - Won-Top Electronics


U60D40C Product details

Glass Passivated Die Construction
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - U60D40C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U60D40C THINKISEMI-U60D40C Datasheet
461Kb / 3P
60.0 Amperes Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Similar Description - U60D40C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000 WTE-ER1000_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
HERF801 ZSELEC-HERF801 Datasheet
51Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SDURF10H10 ZSELEC-SDURF10H10 Datasheet
158Kb / 2P
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com