Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407282 Datasheet (PDF) - PHOENIX CONTACT

1407282 Datasheet PDF - PHOENIX CONTACT
Part # 1407282
Download  1407282 Download
File Size   398.37 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P- 2,0-28X/M12FS SH OD - Sensor/actuator cable

1407282 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407282 Datasheet PDF - PHOENIX CONTACT

Part # 1407282
Download  1407282 Click to download

File Size   398.37 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P- 2,0-28X/M12FS SH OD - Sensor/actuator cable

1407282 Datasheet (HTML) - PHOENIX CONTACT


1407282 Product details

Sensor/actuator cable, 8-position, PE-X/PE-X halogen-free, black-gray RAL 7021, shielded, free
cable end, on Socket straight M12, coding: A, cable length: 2 m, for outdoor applications, with
high-grade steel knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407280 PHOENIX-1407280 Datasheet
398Kb / 11P
SAC-8P-M12MS/ 5,0-28X SH OD - Sensor/actuator cable
1407281 PHOENIX-1407281 Datasheet
398Kb / 11P
SAC-8P-M12MS/10,0-28X SH OD - Sensor/actuator cable
1407283 PHOENIX-1407283 Datasheet
398Kb / 11P
SAC-8P- 5,0-28X/M12FS SH OD - Sensor/actuator cable
1407284 PHOENIX-1407284 Datasheet
397Kb / 11P
SAC-8P-10,0-28X/M12FS SH OD - Sensor/actuator cable
1407285 PHOENIX-1407285 Datasheet
480Kb / 12P
SAC-8P-M12MS/2,0-28X/M12FSSHOD - Sensor/actuator cable
More results


Similar Description - 1407282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405961 PHOENIX-1405961 Datasheet
120Kb / 6P
Sensor/Actuator cable - SAC-8P-M12MS/30-28X/M12FSSHOD
1095802 PHOENIX-1095802 Datasheet
492Kb / 9P
Sensor/actuator cable - SAC-8P- 2,0-680/M12FS FDN
01/13/2022
1406087 PHOENIX-1406087 Datasheet
168Kb / 11P
Sensor/actuator cable - SAC-8P- 2,0-542/ FR SH SCO BK
09/11/2020
1415726 PHOENIX-1415726 Datasheet
154Kb / 11P
Sensor/actuator cable - SAC-8P- 5,0-PVC/M12FS
09/11/2020
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1445318 PHOENIX-1445318 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-8P- 5,0-800/M12FS
12/05/2018
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1520372 PHOENIX-1520372 Datasheet
155Kb / 11P
Sensor/actuator cable - SAC-8P-10,0-PUR/M12FS
09/11/2020
1528879 PHOENIX-1528879 Datasheet
107Kb / 5P
Sensor/actuator cable - SAC-8P-15,0-PUR/M12FS
12/06/2018
1410474 PHOENIX-1410474 Datasheet
1Mb / 11P
SAC-5P- 2,0-92X/M12FS SH OD - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com