Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N03A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

30N03A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # 30N03A
Download  30N03A Download
File Size   886.26 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel Power

30N03A Datasheet (PDF)

Go To PDF Page Download Datasheet
30N03A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # 30N03A
Download  30N03A Click to download

File Size   886.26 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel Power

30N03A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


30N03A Product details

General Description
These N-channel enhancement mode power mosfets used
advanced trench technology design, provided excellent Rdson
and low gate charge. Which accords with the RoHS standard.

Features
VDS = 30V,ID =90A
RDS(ON),3.9 mΩ(Typ) @ VGS =10V
RDS(ON), 6.5mΩ(Typ) @ VGS =4.5V
Low on resistance
Low gate charge
Fast switching
Low reverse transfer capacitances

Application
DC-DC converters
Synchronous Rectifier




Similar Part No. - 30N03A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
30N03A UMW-30N03A Datasheet
931Kb / 6P
30V N-Channel Power
More results


Similar Description - 30N03A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
100N03A UMW-100N03A Datasheet
910Kb / 6P
30V N-Channel Power
30N03A UMW-30N03A Datasheet
931Kb / 6P
30V N-Channel Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com