Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6802 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO6802 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO6802
Download  AO6802 Download
File Size   379.32 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

AO6802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6802 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO6802
Download  AO6802 Click to download

File Size   379.32 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

AO6802 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO6802 Product details

General Description
The AO6802 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM
applications.

Product Summary
VDS (V)= 30V
RDS(ON)< 50mΩ (VGS = 10V)
RDS(ON)< 70mΩ (VGS = 4.5V)




Similar Part No. - AO6802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6802 AOSMD-AO6802 Datasheet
116Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO6802 AOSMD-AO6802 Datasheet
205Kb / 5P
30V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6802 KEXIN-AO6802 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6802 UMW-AO6802 Datasheet
501Kb / 7P
Dual N Channel MOSFET
logo
Guangdong Kexin Industr...
AO6802-HF KEXIN-AO6802-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Similar Description - AO6802

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com