Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFL9014 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRFL9014 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRFL9014
Download  IRFL9014 Download
File Size   399.22 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRFL9014 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFL9014 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFL9014
Download  IRFL9014 Click to download

File Size   399.22 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

IRFL9014 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRFL9014 Product details

Description
The SOT-223 package is designed for surface-mounting
using vapor phase, infrared, or wave soldering techniques.
Its unique package design allows for easy automatic pickand-
place as with other SOT or SOP packages but has the
added advantage of improved thermal performance due to
an enlarged tab for heatsinking. Power dissipation of
greater than 1.25 W is possible in a typical surface mount
application.

Features
VDS (V) = -60V
ID = -8A (VGS = -10V)
RDS(ON) < 62mΩ (VGS = -10V)




Similar Part No. - IRFL9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
logo
Vishay Siliconix
IRFL9014 VISHAY-IRFL9014 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Kersemi Electronic Co.,...
IRFL9014 KERSEMI-IRFL9014 Datasheet
790Kb / 8P
Repetitive Avalanche Rated
logo
Vishay Siliconix
IRFL9014 VISHAY-IRFL9014 Datasheet
177Kb / 8P
Power MOSFET
18-Aug-14
IRFL9014 VISHAY-IRFL9014 Datasheet
174Kb / 8P
Power MOSFET
05-Apr-2021
More results


Similar Description - IRFL9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com