Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3410TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR3410TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR3410TR
Download  IRLR3410TR Download
File Size   388.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLR3410TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR3410TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR3410TR
Download  IRLR3410TR Click to download

File Size   388.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRLR3410TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR3410TR Product details

Description
The D-PAK is designed for surface mounting
using vapor phase, infrared, or wave soldering
techniques.
Power dissipation levels up to 1.5 watts are possible
in typical surface mount applications.

Features
VDS (V) = 100V
ID = 17A (VGS = 10V)
RDS(ON) =105mW (VGS = 10V)




Similar Part No. - IRLR3410TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
logo
International Rectifier
IRLR3410TRPBF IRF-IRLR3410TRPBF Datasheet
291Kb / 11P
Logic Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLR3410TRPBF VBSEMI-IRLR3410TRPBF Datasheet
979Kb / 7P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - IRLR3410TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com