Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1678GV Datasheet (PDF) - California Eastern Labs

UPC1678GV Datasheet PDF - California Eastern Labs
Part # UPC1678GV
Download  UPC1678GV Download
File Size   340.64 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER

UPC1678GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1678GV Datasheet PDF - California Eastern Labs

Part # UPC1678GV
Download  UPC1678GV Click to download

File Size   340.64 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER

UPC1678GV Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPC1678GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678GV NEC-UPC1678GV Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1678GV RENESAS-UPC1678GV Datasheet
461Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
NEC
UPC1678GV-E1 NEC-UPC1678GV-E1 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1678GV-E1 RENESAS-UPC1678GV-E1 Datasheet
461Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC1678GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
2-20 GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 20, 2007
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com