Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN004-25B Datasheet (PDF) - NXP Semiconductors

PSMN004-25B Datasheet PDF - NXP Semiconductors
Part # PSMN004-25B
Download  PSMN004-25B Download
File Size   101.94 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel logic level TrenchMOS transistor

PSMN004-25B Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN004-25B Datasheet PDF - NXP Semiconductors

Part # PSMN004-25B
Download  PSMN004-25B Click to download

File Size   101.94 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel logic level TrenchMOS transistor

PSMN004-25B Datasheet (HTML) - NXP Semiconductors


PSMN004-25B Product details

VDSS = 25 V
ID = 75 A
RDS(ON) ≤ 4.3 mΩ (VGS = 10 V)
RDS(ON) ≤ 5 mΩ (VGS = 5 V)

GENERAL DESCRIPTION
SiliconMAX products use the latest Philips Trench technology to achieve the lowest possible on-state resistance in each package at each voltage rating.

Applications:-
• d.c. to d.c. converters
• switched mode power supplies
  The PSMN004-25P is supplied in the SOT78 (TO220AB) conventional leaded package.
  The PSMN004-25B is supplied in the SOT404 surface mounting package.

FEATURES
• ’Trench’ technology
• Very low on-state resistance
• Fast switching
• Low thermal resistance




Similar Part No. - PSMN004-25B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
logo
Inchange Semiconductor ...
PSMN004-25B ISC-PSMN004-25B Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - PSMN004-25B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
N-channel logic level TrenchMOS(TM) transistor
October 1999
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com