Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3219GV Datasheet (PDF) - California Eastern Labs

UPC3219GV Datasheet PDF - California Eastern Labs
Part # UPC3219GV
Download  UPC3219GV Download
File Size   474.53 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 5 V AGC AMPLIFIER VIDEO AMPLIFIER

UPC3219GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3219GV Datasheet PDF - California Eastern Labs

Part # UPC3219GV
Download  UPC3219GV Click to download

File Size   474.53 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 5 V AGC AMPLIFIER VIDEO AMPLIFIER

UPC3219GV Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPC3219GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
803Kb / 16P
GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3219GV RENESAS-UPC3219GV Datasheet
371Kb / 21P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
NEC
UPC3219GV-E1 NEC-UPC3219GV-E1 Datasheet
205Kb / 6P
GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3219GV-E1 RENESAS-UPC3219GV-E1 Datasheet
371Kb / 21P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results


Similar Description - UPC3219GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3221GV NEC-UPC3221GV Datasheet
177Kb / 6P
NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3217GV NEC-UPC3217GV Datasheet
189Kb / 7P
NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3228T5S CEL-UPC3228T5S Datasheet
291Kb / 13P
LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
AGC Amplifier
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
AGC AMPLIFIER
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV_13 Datasheet
803Kb / 16P
GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
AGC AMPLIFIER
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com