Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908JB8 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908JB8 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908JB8
Download  MC68HC908JB8 Download
File Size   1406.1 Kbytes
Page   286 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908JB8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908JB8 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908JB8
Download  MC68HC908JB8 Click to download

File Size   1406.1 Kbytes
Page   286 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908JB8 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908JB8 Product details

The MC68HC908JB8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.



Features

Features of the MC68HC908JB8 include:

• High-performance M68HC08 architecture

• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families

• 3-MHz internal bus frequency

• 8,192 bytes of on-chip FLASH memory

• 256 bytes of on-chip random-access memory (RAM)

• FLASH program memory security1

• On-chip programming firmware for use with host PC computer

• Up to 37 general-purpose 3.3V input/output (I/O) pins, including:

– 13 or 10 shared-function I/O pins, depending on package

– 24, 8, or 2 dedicated I/O pins, depending on package

– 8 keyboard interrupts on port A, on all packages

– 10mA sink capability for normal LED on 4 pins

– 25mA sink capability for infrared LED on 2 pins

– 10mA sink capability for PS/2 connection on 2 pins(with USB module disabled)

• 16-bit, 2-channel timer interface module (TIM) with selectable input capture, output compare, PWM capability on each channel, and external clock input option (TCLK)

• Full Universal Serial Bus Specification 1.1 low-speed functions:

– 1.5 Mbps data rate

– On-chip 3.3V regulator

– Endpoint 0 with 8-byte transmit buffer and 8-byte receive buffer

– Endpoint 1 with 8-byte transmit buffer

– Endpoint 2 with 8-byte transmit buffer and 8-byte receive buffer

• System protection features:

– Optional computer operating properly (COP) reset

– Optional low-voltage detection with reset

– Illegal opcode detection with reset

– Illegal address detection with reset



Features of the CPU08 include the following:

• Enhanced HC05 programming model

• Extensive loop control functions

• 16 addressing modes (eight more than the HC0

• 16-bit index register and stack pointer

• Memory-to-memory data transfers

• Fast 8 × 8 multiply instruction

• Fast 16/8 divide instruction

• Binary-coded decimal (BCD) instructions

• Optimization for controller applications

• Efficient C language support




Similar Part No. - MC68HC908JB8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908JB8 MOTOROLA-MC68HC908JB8 Datasheet
3Mb / 286P
MICROCONTROLLERS
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
302Kb / 8P
This addendum provides additional information
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
38Kb / 4P
Mask Set Errata
logo
NXP Semiconductors
MC68HC908JB8 NXP-MC68HC908JB8 Datasheet
326Kb / 8P
Addendum to MC68HC908JB8 Technical Data
Rev. 0, 4/2002
logo
Motorola, Inc
MC68HC908JB8ADW MOTOROLA-MC68HC908JB8ADW Datasheet
3Mb / 286P
MICROCONTROLLERS
More results


Similar Description - MC68HC908JB8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908AZ32A FREESCALE-MC68HC908AZ32A Datasheet
3Mb / 324P
M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
M68HC08 Microcontrollers
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
M68HC08 Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com