Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1002FL Datasheet (PDF) - Won-Top Electronics

GS1002FL Datasheet PDF - Won-Top Electronics
Part # GS1002FL
Download  GS1002FL Download
File Size   51.77 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

GS1002FL Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1002FL Datasheet PDF - Won-Top Electronics

Part # GS1002FL
Download  GS1002FL Click to download

File Size   51.77 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

GS1002FL Datasheet (HTML) - Won-Top Electronics


GS1002FL Product details

Low Profile 1.08mm Max. Case Height
Glass Passivated Die Construction
Low Forward Voltage Drop
Surge Overload Rating to 30A Peak
Ideally Suited for Automatic Assembly
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - GS1002FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1002FL PANJIT-GS1002FL Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
GS1002FL PANJIT-GS1002FL Datasheet
132Kb / 3P
SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1002FL YENYO-GS1002FL Datasheet
234Kb / 2P
1.0A General Purpose Rectifier
logo
Nanjing International G...
GS1002FL DGNJDZ-GS1002FL Datasheet
303Kb / 3P
1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1002FL SUNMATE-GS1002FL Datasheet
297Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results


Similar Description - GS1002FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED STANDARD DIODE
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
1N4001W ZSELEC-1N4001W Datasheet
140Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR1A ZSELEC-DSR1A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com