Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112L0HS9B Datasheet (PDF) - NXP Semiconductors

RF112L0HS9B Datasheet PDF - NXP Semiconductors
Part # RF112L0HS9B
Download  RF112L0HS9B Download
File Size   645.13 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF112 Transceiver Data Sheet

RF112L0HS9B Datasheet (PDF)

Go To PDF Page Download Datasheet
RF112L0HS9B Datasheet PDF - NXP Semiconductors

Part # RF112L0HS9B
Download  RF112L0HS9B Click to download

File Size   645.13 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF112 Transceiver Data Sheet

RF112L0HS9B Datasheet (HTML) - NXP Semiconductors


RF112L0HS9B Product details

Features
• Zero I/F operation in 2.4GHz (2.4-2.5GHz) Low and
5GHz (4.9-6GHz) High Industrial, Scientific, and
Medical (ISM) Bands
– Three independently operating RF sub-systems.
– One dual band 1x2 MIMO transceiver, TRX
– One dual band observation receiver, RO1
– One high band observation receiver, RO2
– Aggregate support for 1x Transmit, 4x Receive
antenna operation
• Receiver features
– Direct conversion, low noise and high dynamic
range receive chain
– High speed AGC interface (RSSI detector and RX
gain control) to baseband
– Analog baseband filters (20, 40 and 80 MHz
modulation bandwidth) with on-chip calibration
– Analog differential I/Q interface to baseband IC
• Transmitter features
– Direct conversion with adjustable gain transmit
chain
– Analog baseband filter (20, 40 and 80 MHz
modulation bandwidth) with on-chip calibration
– Analog differential I/Q interface to baseband
• Flexible frequency generation system
– 40 MHz crystal or external oscillator for frequency
reference
– Adjustable crystal load to tune for minimum
frequency error
– 4X multiplied input reference that can be routed to
an output differential pair to be used as a low jitter
160 MHz reference by other devices in the system
– Independent synthesizers for each sub-system driven
by a common reference
• Two interfaces for configuration and bi-directional data
exchanges with the baseband IC
– A low complexity high-speed custom LVDS bus
(LLCP)
– A traditional low-speed I2C bus
• Programmable digital core for transceiver control and
calibration
• Auxiliary ADC support for calibration and external
functions (voltage and temperature measurements)
• 64 pin QFN package




Similar Part No. - RF112L0HS9B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RF112L0H NXP-RF112L0H Datasheet
536Kb / 46P
RF112L0H Transceiver Data Sheet
Rev. A, 12/2020
More results


Similar Description - RF112L0HS9B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
MC9S12E128 Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com