Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4401 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

SI4401 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # SI4401
Download  SI4401 Download
File Size   288.42 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

SI4401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4401 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # SI4401
Download  SI4401 Click to download

File Size   288.42 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

SI4401 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


SI4401 Product details

PRODUCT SUMMARY
VDS (V) =-40V
RDS(ON)< 18mΩ (VGS = -10V)
RDS(ON)< 29mΩ (VGS = -4.5V)

APPLICATIONS
• Load Switch
• POL




Similar Part No. - SI4401

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SI4401 UMW-SI4401 Datasheet
359Kb / 8P
P-Channel MOSFET
logo
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY Datasheet
237Kb / 3P
P-Channel 40-V (D-S) MOSFET
13-Jun-05
SI4401BDY VISHAY-SI4401BDY Datasheet
254Kb / 9P
P-Channel 40-V (D-S) MOSFET
18-May-09
Si4401BDY VISHAY-Si4401BDY Datasheet
187Kb / 8P
P-Channel 40-V (D-S) MOSFET
18-May-09
logo
Guangdong Youtai Semico...
SI4401BDY UMW-SI4401BDY Datasheet
359Kb / 8P
P-Channel MOSFET
More results


Similar Description - SI4401

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com