Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD10NF10 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

STD10NF10 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # STD10NF10
Download  STD10NF10 Download
File Size   583.94 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel Power MOSFET

STD10NF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD10NF10 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # STD10NF10
Download  STD10NF10 Click to download

File Size   583.94 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel Power MOSFET

STD10NF10 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


STD10NF10 Product details

General Description
The STD10NF10 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 4.5V. This device is suitable
for use as a wide variety of applications.

Features
VDS = 100V,ID =15A
RDS(ON),95 mΩ(Typ) @ VGS =10V
RDS(ON), 100mΩ(Typ) @ VGS =4.5V
Low Total Gate Charge
Low Reverse Transfer Capacitance
Improved dv/dt Capability
Fast Switching Speed

Application
Uninterruptible Power Supply(UPS)
Inverter System




Similar Part No. - STD10NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
logo
STMicroelectronics
STD10NF10-1 STMICROELECTRONICS-STD10NF10-1 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
logo
Guangdong Youtai Semico...
STD10NF10L UMW-STD10NF10L Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
logo
STMicroelectronics
STD10NF10T4 STMICROELECTRONICS-STD10NF10T4 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
More results


Similar Description - STD10NF10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
27A, 100V N-CHANNEL POWER MOSFET
UF3710 UTC-UF3710 Datasheet
239Kb / 6P
57A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
Shenzhen Foster Semicon...
FIR170N10PG FOSTER-FIR170N10PG Datasheet
3Mb / 4P
100V N-Channel Power Mosfet
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com