Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD15NF10 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

STD15NF10 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # STD15NF10
Download  STD15NF10 Download
File Size   917.25 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel Enhancement Mode MOSFET

STD15NF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD15NF10 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # STD15NF10
Download  STD15NF10 Click to download

File Size   917.25 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 100V N-Channel Enhancement Mode MOSFET

STD15NF10 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


STD15NF10 Product details

Description
The STD15NF10 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection or
in other Switching application.

General Features
Vbs = 100V Ip = 20A
Rds(on) < 75mQ @ Ves=10V




Similar Part No. - STD15NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
logo
SHENZHEN DOINGTER SEMIC...
STD15NF10 DOINGTER-STD15NF10 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Guangdong Youtai Semico...
STD15NF10 UMW-STD15NF10 Datasheet
1Mb / 5P
100V N-Channel Enhancement Mode MOSFET
STD15NF10L UMW-STD15NF10L Datasheet
1Mb / 5P
100V N-Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STD15NF10T4 STMICROELECTRONICS-STD15NF10T4 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
More results


Similar Description - STD15NF10

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com