Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3407A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3407A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3407A
Download  AO3407A Download
File Size   1986.88 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement MOSFET

AO3407A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3407A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3407A
Download  AO3407A Click to download

File Size   1986.88 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement MOSFET

AO3407A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3407A Product details

Features
VDS (V) = -30V
ID = -4.1 A
RDS(ON)< 52mΩ (VGS = -10V)
RDS(ON)< 87mΩ (VGS = -4.5V)




Similar Part No. - AO3407A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A Datasheet
115Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO3407A AOSMD-AO3407A Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO3407A UMW-AO3407A Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3407A-3 KEXIN-AO3407A-3 Datasheet
2Mb / 4P
P-Channel MOSFET
More results


Similar Description - AO3407A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com