Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4828 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4828 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4828
Download  AO4828 Download
File Size   987.68 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

AO4828 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4828 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4828
Download  AO4828 Click to download

File Size   987.68 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

AO4828 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4828 Product details

Description
The AO4828 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

General Features
VDS = 60V ID = 6.5 A
RDS(ON) < 36mΩ @ VGS=10 V
RDS(ON) < 47mΩ @ VGS=4.5V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - AO4828

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4828 AOSMD-AO4828 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO4828 AOSMD-AO4828 Datasheet
173Kb / 4P
60V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4828 KEXIN-AO4828 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Youtai Semico...
AO4828 UMW-AO4828 Datasheet
793Kb / 7P
Dual N-Channel MOSFET
More results


Similar Description - AO4828

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com