Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6604 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO6604 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO6604
Download  AO6604 Download
File Size   1049.49 Kbytes
Page   11 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N P Channel MOSFET

AO6604 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6604 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO6604
Download  AO6604 Click to download

File Size   1049.49 Kbytes
Page   11 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N P Channel MOSFET

AO6604 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO6604 Product details

General Description
The AO6604 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.

Product Summary
N-Ch:
VDS (V)=20V
RDS(ON)< 65mΩ (VGS = 4.5V)
RDS(ON)< 75mΩ (VGS = 2.5V)
RDS(ON)< 100mΩ (VGS = 1.8V)
P-Ch:
VDS (V)=-20V
RDS(ON)< 75mΩ (VGS = -4.5V)
RDS(ON)< 95mΩ (VGS = -2.5V)
RDS(ON)< 115mΩ (VGS = -1.8V)




Similar Part No. - AO6604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
20V Complementary MOSFET
logo
Guangdong Kexin Industr...
AO6604 KEXIN-AO6604 Datasheet
3Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO6604 VBSEMI-AO6604 Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
N P Channel MOSFET
More results


Similar Description - AO6604

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF6012 WIINSOK-WSF6012 Datasheet
1Mb / 8P
N&P-Channel MOSFET
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
N P Channel MOSFET
FDS8958 UMW-FDS8958 Datasheet
587Kb / 9P
NP-Channel MOSFET
IRF9389TR UMW-IRF9389TR Datasheet
466Kb / 13P
NP-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com