Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN304P Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDN304P Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDN304P
Download  FDN304P Download
File Size   525.76 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

FDN304P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN304P Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN304P
Download  FDN304P Click to download

File Size   525.76 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

FDN304P Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDN304P Product details

Features
–2.4 A, –20 V. RDS(ON) = 0.052 Ω @ VGS = –4.5 V
RDS(ON) = 0.070 Ω @ VGS = –2.5 V
RDS(ON) = 0.100 Ω @ VGS = –1.8 V
Fast switching speed
High performance trench technology for extremely
low RDS(ON)
SuperSOTTM -3 provides low RDS(ON) and 30% higher
power handling capability than SOT23 in the same
footprint




Similar Part No. - FDN304P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN304P FAIRCHILD-FDN304P Datasheet
384Kb / 8P
P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P Datasheet
106Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN304P KEXIN-FDN304P Datasheet
1Mb / 4P
P-Channel MOSFET
logo
AiT Semiconductor Inc.
FDN304P AITSEMI-FDN304P Datasheet
497Kb / 6P
POWER MOSFET -3A, -16V P-CHANNEL
REV1.0
logo
TECH PUBLIC Electronics...
FDN304P TECHPUBLIC-FDN304P Datasheet
1Mb / 3P
P-Channel 1.8V Specifiedd PowerTrench Mosfet
More results


Similar Description - FDN304P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com