Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33092A Datasheet (PDF) - Freescale Semiconductor, Inc

MC33092A Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33092A
Download  MC33092A Download
File Size   295.49 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Alternator Voltage Regulator

MC33092A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33092A Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33092A
Download  MC33092A Click to download

File Size   295.49 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Alternator Voltage Regulator

MC33092A Datasheet (HTML) - Freescale Semiconductor, Inc


MC33092A Product details

Alternator Voltage Regulator

The MC33092A is specifically designed for voltage regulation and Load Response Control (LRC) of diode rectified alternator charging systems, as commonly found in automotive applications. The MC33092A provides load response control of the alternator output current to eliminate engine speed hunting and vibration due to sudden electrical loads which cause abrupt torque loading of the engine at low RPM. Two load response rates are selectable using Pin 11. The timing of the response rates is dependent on the oscillator frequency.

• Forced Load Response Control (LRC) with Heavy Load Transitions at Low RPM
• Capable of Regulating Voltage to ± 0.1 V @ 25°C
• Operating Frequency Selectable with One External Resistor
• < 0.1 V Variation over Speed Range of 2000 to 10,000 RPM
• < 0.4 V Variation over 10% to 95% of Maximum Alternator Output
• Maintains Regulation with External Loads as Low as 1.0 A
• Load Dump Protection of Lamp, Field Control Devices, and Loads
• Duty Cycle Limit Protection
• Provides High Side MOSFET Control of a Ground Referenced Field Winding
• Controlled MOSFET and Flyback Diode Recovery Characteristics for Minimum RFI
• < 2.0 mA Standby Current from Battery @ 25°C
• < 3.0 mA Standby Current from Battery Over Temperature Range
• Optional 2.5 or 10 sec. LRC Rate Control (Osc. Freq. = 280 kHz)
• Undervoltage, Overvoltage and Phase Fault (Broken Belt) Detection




Similar Part No. - MC33092A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33092 UTC-MC33092 Datasheet
166Kb / 8P
LINEAR INTEGRATED CIRCUIT
More results


Similar Description - MC33092A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9407F STMICROELECTRONICS-L9407F Datasheet
124Kb / 11P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com