Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33288 Datasheet (PDF) - Freescale Semiconductor, Inc

33288 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33288
Download  33288 Download
File Size   315.53 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Solid State Relay for Automotive Flasher Applications

33288 Datasheet (PDF)

Go To PDF Page Download Datasheet
33288 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33288
Download  33288 Click to download

File Size   315.53 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Solid State Relay for Automotive Flasher Applications

33288 Datasheet (HTML) - Freescale Semiconductor, Inc


33288 Product details

Solid State Relay for Automotive Flasher ApplicationsSolid State Relay for Automotive Flasher Applications

This device is a Dual High-Side Power Switch dedicated for automotive flasher applications. In comparison with mechanical solutions, this device offers higher reliability as well as protection and diagnostic features.
The device consists of two 25 mΩ Rdson fully protected high side switches, in a surface mount power package. It interfaces directly with a microcontroller and includes a current recopy function in order to allow the detection of a failed lamp in the application.

Features
• Junction Temperature Range from -40°C to 150°C
• Operating Voltage Range from 8.0 V to 35 V
• Maximum Breakdown Voltage greater than 40 V
• 25 mΩ RDS(ON) per Channel at 25°C
• 8.0 Amps Nominal Current per Channel
• 1.2 W Warning Lamp Driver
• Overtemperature Protection with Hysteresis
• Open Load Detection in ON State
• Current Recopy to Monitor Lamp Output Current




Similar Part No. - 33288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
865 MHz Bandpass Filter
logo
Aptiv
33283998 APTIV-33283998 Datasheet
241Kb / 2P
CTCS SP SERIES
33284519 APTIV-33284519 Datasheet
241Kb / 2P
CTCS SP SERIES
More results


Similar Description - 33288

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
Solid State Relay for Automotive Flasher Applications
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
fujitsu semiconductor
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Broadcom Corporation.
ASSR-601JV BOARDCOM-ASSR-601JV Datasheet
1Mb / 12P
Automotive Solid State Relay with R2CouplerTM Isolation
logo
Hongfa Technology
HF3628 HONGFA-HF3628 Datasheet
140Kb / 6P
Automotive solid state relay
HF3631 HONGFA-HF3631 Datasheet
123Kb / 2P
AUTOMOTIVE SOLID STATE RELAY
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com