Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33291LDW Datasheet (PDF) - Freescale Semiconductor, Inc

MC33291LDW Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33291LDW
Download  MC33291LDW Download
File Size   593.54 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Eight-Output Switch with Serial Peripheral Interface I/O

MC33291LDW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33291LDW Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33291LDW
Download  MC33291LDW Click to download

File Size   593.54 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Eight-Output Switch with Serial Peripheral Interface I/O

MC33291LDW Datasheet (HTML) - Freescale Semiconductor, Inc


MC33291LDW Product details

The 33291L device is an eight-output, low-side power switch with 8-bit serial input control. The 33291L is a versatile circuit designed for automotive applications, but is well suited for other environments. The 33291L incorporates SMARTMOS technology, with CMOS logic, bipolar/MOS analog circuitry, and DMOS power MOSFETs. The 33291L interfaces directly with a microcontroller to control various inductive or incandescent loads.

Features
• Designed to Operate Over Wide Supply Voltages of 5.5 V to 26.5 V
• Interfaces to Microprocessor Using 8-Bit SPI I/O Protocol up to 3.0 MHz
• 1.0 A Peak Current Outputs with Maximum RDS(ON) of 1.6 Ω at TJ - 150°C
• Outputs Current-Limited to Accommodate In-Rush Currents Associated with Switching Incandescent Loads
• Output Voltages Clamped to 53 V During Inductive Switching
• Maximum Sleep Current (IPWR) of 25 μA
• Maximum of 4.0 mA IDD During Operation
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - MC33291LDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33291LDW FREESCALE-MC33291LDW Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
MC33291LDWR2 FREESCALE-MC33291LDWR2 Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
More results


Similar Description - MC33291LDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com