Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33390D Datasheet (PDF) - Freescale Semiconductor, Inc

MC33390D Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33390D
Download  MC33390D Download
File Size   416.62 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Class B Serial Transceiver

MC33390D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33390D Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33390D
Download  MC33390D Click to download

File Size   416.62 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Class B Serial Transceiver

MC33390D Datasheet (HTML) - Freescale Semiconductor, Inc


MC33390D Product details

Class B Serial Transceiver

The 33390 is a serial transceiver designed to provide bi-directional half-duplex communication meeting the automotive SAE Standard J- 1850 Class B Data Communication Network Interface specification. It is designed to interface directly to on-board vehicle microcontrollers and serves to transmit and receive data on a single-wire bus at data rates of 10.4 kbps using Variable Pulse Width Modulation (VPWM). The 33390 operates directly from a vehicles 12 V battery system and functions in a logic fashion as an I/O interface between the microcontrollers 5.0 V CMOS logic level swings and the required 0 V to 7.0 V waveshaped signal swings of the bus. The bus output driver is short circuit current limited.

Features
• Designed for SAE J-1850 Class B Data Rates
• Full Operational Bus Dynamics Over a Supply Voltage of 9.0 to 16 V
• Ambient Operating Temperature of -40°C to 125°C
• Interfaces Directly to Standard 5.0 V CMOS Microcontroller
• BUS Pin Protected Against Shorts to Battery and Ground
• Thermal Shutdown with Hysteresis
• Voltage Waveshaping of Bus Output Driver
• 40 V Max VBAT Capability
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - MC33390D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33390D MOTOROLA-MC33390D Datasheet
450Kb / 16P
Class B Serial Transceiver
MC33390DR2 MOTOROLA-MC33390DR2 Datasheet
450Kb / 16P
Class B Serial Transceiver
More results


Similar Description - MC33390D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
Class B Serial Transceiver
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
Enhanced Class B Serial Transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
Class B GPON OLT transceiver
logo
ORION FANS
OAB400 ORIONFANS-OAB400 Datasheet
113Kb / 1P
Centrifugal Fan - Class B
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
Class B/F available
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com