Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33395DWB Datasheet (PDF) - Freescale Semiconductor, Inc

MC33395DWB Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33395DWB
Download  MC33395DWB Download
File Size   782.73 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Three-Phase Gate Driver IC

MC33395DWB Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33395DWB Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33395DWB
Download  MC33395DWB Click to download

File Size   782.73 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Three-Phase Gate Driver IC

MC33395DWB Datasheet (HTML) - Freescale Semiconductor, Inc


MC33395DWB Product details

The 33395 simplifies the design of high-power BLDC motor control design by combining the gate drive, charge pump, current sense, and protection circuitry necessary to drive a three-phase bridge configuration of six N-channel power MOSFETs. Mode logic is incorporated to route a pulse width modulation (PWM) or a complementary PWM output signal to either low-side or high-side MOSFETs of the bridge.

Features
• Drives Six N-Channel Low RDS(ON) Power MOSFETs
• Built-In Charge Pump Circuitry
• Built-In Current Sense Comparator and Output Drive Current Limiting
• Built-In PWM Mode Control Logic
• Built-In Circuit Protection
• Designed for Fractional to Integral HP BLDC Motors
• 32-Pin SOIC Wide Body Surface Mount Package
• 33395 Incorporates a <5.0 µs Shoot-Through Suppression Timer
• 33395T Incorporates a <1.0 µs Shoot-Through Suppression Timer
• Pb-Free Packaging Designated by Suffix Code EW




Similar Part No. - MC33395DWB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395DWB/R2 MOTOROLA-MC33395DWB/R2 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
More results


Similar Description - MC33395DWB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
Three-Phase Automotive Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
Three-Phase Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
Three Phase Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com