Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33661 Datasheet (PDF) - Freescale Semiconductor, Inc

33661 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33661
Download  33661 Download
File Size   542.29 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate

33661 Datasheet (PDF)

Go To PDF Page Download Datasheet
33661 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33661
Download  33661 Click to download

File Size   542.29 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate

33661 Datasheet (HTML) - Freescale Semiconductor, Inc


33661 Product details

Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate

Local Interconnect Network (LIN) is a serial communication protocol designed to support automotive networks in conjunction with Controller Area Network (CAN). As the lowest level of a hierarchical network, LIN enables cost-effective communication with sensors and actuators when all the features of CAN are not required.
The 33661 is a Physical Layer component dedicated to automotive LIN sub-bus applications. It offers slew rate selection for optimized operation at 10 kbps and 20 kbps, fast baud rate (above 100 kbps) for test and programming modes, excellent radiated emission performance, and safe behavior in the event of LIN bus short-to-ground or LIN bus leakage during low-power mode.
The 33661 is compatible with LIN Protocol Specification 2.0.

Features
• Operational from VSUP 6.0 V to 18 V DC, Functional up to 27 V DC, and Handles 40 V During Load Dump
• Active Bus Waveshaping Offering Excellent Radiated Emission Performance
• 5.0 kV ESD on LIN Bus Pin
• 30 kΩ Internal Pullup Resistor
• LIN Bus Short-to-Ground or High Leakage in Sleep Mode
• -18 V to +40 V DC Voltage at LIN Pin
• 8.0 µA in Sleep Mode
• Local and Remote Wake-Up Capability Reported by INH and RXD Pins
• 5.0 V and 3.3 V Compatible Digital Inputs Without Any External Components Required
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - 33661

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33661 MOTOROLA-33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
More results


Similar Description - 33661

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com