Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33797EK Datasheet (PDF) - Freescale Semiconductor, Inc

MC33797EK Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33797EK
Download  MC33797EK Download
File Size   905.43 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Four Channel Squib Driver IC

MC33797EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33797EK Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33797EK
Download  MC33797EK Click to download

File Size   905.43 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Four Channel Squib Driver IC

MC33797EK Datasheet (HTML) - Freescale Semiconductor, Inc


MC33797EK Product details

Four Channel Squib Driver IC

The Four Channel Squib Driver IC is a complete squib diagnostic and deployment interface for use in automotive air bag modules. Extensive diagnostics and system control features are incorporated to provide fail-safe operation. The device contains a serial peripheral interface (SPI) compatible 8-bit interface to allow microprocessor control.

Features
• Four-Channel High-Side and Low-Side 2.0 A FET Switches
• Externally Adjustable FET Current Limiting
• Adjustable Current Limit Range: 0.8 A to 2.0 A
• Individual Channel Current Limit Detection with Timing Duration Measurement, Communicated via SPI
• 8-Bit SPI for Diagnostics and FET Switch Activation
• Diagnostics for High-Side Safing Sensor Status
• Resistance and Voltage Diagnostics for Squibs
• Squib Driver IC Capability to Be Used for Cross-Coupled Driver Firing Application (Allows High- and Low-Side FET Switches to Be Located on Separate Squib Driver ICs)
• Pb-Free Packaging designated by Suffix Code EK




Similar Part No. - MC33797EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33797EK/R2 FREESCALE-MC33797EK/R2 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
More results


Similar Description - MC33797EK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
Four Channel Supervisory IC
December 28, 2004
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
Four Channel Supervisory IC
May 2004
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
Four-Channel Supervisory IC
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
2-channel Squib Driver for Air Bags
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
For CD Players and Recorders Four-Channel Driver IC
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
Dual Channel Squib Drivers
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
Four Channel Supervisory IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com