Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33882DHR2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33882DHR2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33882DHR2
Download  MC33882DHR2 Download
File Size   688.68 Kbytes
Page   27 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Six-Output Low-Side Switch with SPI and Parallel Input Control

MC33882DHR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33882DHR2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33882DHR2
Download  MC33882DHR2 Click to download

File Size   688.68 Kbytes
Page   27 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Six-Output Low-Side Switch with SPI and Parallel Input Control

MC33882DHR2 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33882DHR2 Product details

Six-Output Low-Side Switch with SPI and Parallel Input Control



The 33882 is a smart six-output low-side switch able to control system loads up to 1.0 A. The six outputs can be controlled via both serial peripheral interface (SPI) and parallel input control, making the device attractive for fault-tolerant system applications. There are two additional 30 mA low-side switches with SPI diagnostic reporting (with parallel input control only).

The 33882 is designed to interface directly with industry-standard microcontrollers via SPI to control both inductive and incandescent loads. Outputs are configured as open-drain power MOSFETs incorporating internal dynamic clamping and current limiting. The device has multiple monitoring and protection features, including low standby current, fault status reporting, internal 52 V clamp on each output, output-specific diagnostics, and protective shutdown. In addition, it has a mode select pin affording a dual means of input control.



Features

• Outputs Clamped for Switching Inductive Loads

• Very Low Operational Bias Currents (< 2.0 mA)

• CMOS Input Logic Compatible with 5.0 V Logic Levels

• Load Dump Robust (60 V Transient at VPWR on OUT0–OUT5)

• Daisy Chain Operation of Multiple Devices Possible

• Switch Outputs Can Be Paralleled for Higher Currents

• RDS(ON) of 0.4 Ω per Output (25°C) at 13 V VPWR

• SPI Operation Guaranteed to 2.0 MHz

• Pb-Free Packaging Designated by Suffix Codes VW and EP



 




Similar Part No. - MC33882DHR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33882DH/R2 MOTOROLA-MC33882DH/R2 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
More results


Similar Description - MC33882DHR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
16-Output Switch with SPI and PWM Control
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
16-Output Switch with SPI and PWM Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
Six-Output Low-Side Switch
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com