Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN1111 Datasheet (PDF) - NXP Semiconductors

PTN1111 Datasheet PDF - NXP Semiconductors
Part # PTN1111
Download  PTN1111 Download
File Size   53.9 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1:10 PECL clock distribution device

PTN1111 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN1111 Datasheet PDF - NXP Semiconductors

Part # PTN1111
Download  PTN1111 Click to download

File Size   53.9 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1:10 PECL clock distribution device

PTN1111 Datasheet (HTML) - NXP Semiconductors


PTN1111 Product details

DESCRIPTION
The PTN1111 is a low-skew, 1:10 PECL clock distribution device. One selected clock signal out of two selectable inputs is fanned out to 10 identical, precision time-aligned differential outputs.

FEATURES
• 80 ps part-to-part skew
• 20 ps output-to-output skew
• Differential design
• PECL inputs and outputs
• VBB reference output voltage available
• 75 kΩ input pulldown resistors
• Low voltage VCC range of 2.375 V to +3.8 V
• High signaling rate capability (above 1 GHz)
• Pin and function compatible to MC100EP111, MC100LVEP111
• Available in LQFP32 package




Similar Part No. - PTN1111

ManufacturerPart #DatasheetDescription
logo
CUI INC
PTN10 CUI-PTN10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
CUI Devices
PTN10 CUID-PTN10 Datasheet
445Kb / 7P
ROTARY POTENTIOMETER
08/05/2022
logo
Same Sky Devices
PTN10 SAMESKY-PTN10 Datasheet
384Kb / 7P
TRIMMER POTENTIOMETER
09/12/2024
logo
CUI INC
PTN10-A01CA10 CUI-PTN10-A01CA10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
CUI Devices
PTN10-A01CA10 CUID-PTN10-A01CA10 Datasheet
445Kb / 7P
ROTARY POTENTIOMETER
08/05/2022
More results


Similar Description - PTN1111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
1:10 LVDS clock distribution device
2001 Jun 19
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
PCK351 PHILIPS-PCK351 Datasheet
316Kb / 17P
1:10 clock distribution device with 3-State outputs
Rev. 01-14 May 2002
logo
National Semiconductor ...
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
CDD Device (FDDI Clock Distribution Device)
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com