Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR084 Datasheet (PDF) - Freescale Semiconductor, Inc

MPR084 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPR084
Download  MPR084 Download
File Size   460.98 Kbytes
Page   35 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Proximity Capacitive Touch Sensor Controller

MPR084 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPR084 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPR084
Download  MPR084 Click to download

File Size   460.98 Kbytes
Page   35 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Proximity Capacitive Touch Sensor Controller

MPR084 Datasheet (HTML) - Freescale Semiconductor, Inc


MPR084 Product details

Features
1.8 V to 3.6 V operation
41 μA average supply current with 1 s response time
2 μA Standby Current
Variable low power mode response time (32 ms – 4 s)
Rejects unwanted multi-key detections from EMI events such as PA
bursts or user handling
Ongoing pad analysis and detection is not reset by EMI events
Data is buffered in a FIFO for shortest access time
IRQ output advises when FIFO has data
System can set interrupt behavior as immediate after event, or
program a minimum time between successive interrupts
Current rotary position is always available on demand for pollingbased
systems
Sounder output can be enabled to generate key-click sound when
rotary is touched
Two hardware selectable I2C addresses allowing two devices on a
single I2C bus
Configurable real-time auto calibration
5 mm x 5 mm x 1 mm 16 lead QFN package
-40°C to +85°C operating temperature range

Typical Applications
• Appliances
• PC Peripherals
• Access Controls
• MP3 Players
• Remote Controls
• Mobile Phones




Similar Part No. - MPR084

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR084EJ FREESCALE-MPR084EJ Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR084Q FREESCALE-MPR084Q Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
More results


Similar Description - MPR084

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com