Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA391 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA391 Datasheet PDF - Texas Instruments
Part # OPA391
Download  OPA391 Download
File Size   2290.89 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers

OPA391 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA391 Datasheet PDF - Texas Instruments

Part # OPA391
Download  OPA391 Click to download

File Size   2290.89 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers

OPA391 Datasheet (HTML) - Texas Instruments


OPA391 Product details

1 Features
• Low IQ: 24μA
• Gain bandwidth product: 1MHz
• Low input bias current: 10fA
• Low offset voltage: ±45μV (maximum)
• Low drift: ±1.2μV/°C
• Low supply voltage operation: 1.7V to 5.5V
• Input common mode range ±100mV beyond rail
• Fast slew rate: 1V/μs
• High load capacitance drive
• High output current drive: 60mA
• Rail-to-rail output
• EMI and RFI filtered inputs
• Small package options: SC-70, DSBGA

2 Applications
• Portable electronics
• Flow transmitter
• Blood glucose monitor
• Process analytics (pH, gas, force, humidity)
• Temperature transmitter
• Pressure transmitter
• Medical sensor patches
• Building automation
• Wearable fitness and activity monitor
• Gas detector
• Analog security camera

3 Description
The OPA391, OPA2391, and OPA4391 (OPAx391)
devices feature a unique combination of high
bandwidth (1MHz) along with very-low quiescent
current (24μA) in high-precision amplifiers. These
features combined with rail-to-rail input and output
make these devices an exceptional choice in highgain,
low-power applications. Ultra-low input bias
current of 10fA, only 45μV of offset (maximum), and
1.2μV/°C of drift over temperature help maintain high
precision in ratiometric and amperometric sensor front
ends that have demanding low-power requirements.
The OPAx391 use Texas Instruments' proprietary
e‑trim™ operational amplifier technology, enabling a
unique combination of ultra-low offset and low input
offset drift without the need for any input switching or
auto-zero techniques. The CMOS-based technology
platform also features a modern, robust output stage
design that is tolerant of high output capacitance,
alleviating stability problems that are common in
typical low-power amplifiers.




Similar Part No. - OPA391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA391 TI-OPA391 Datasheet
718Kb / 18P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim??Op Amp
OPA391 TI-OPA391 Datasheet
2Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED NOVEMBER 2022
OPA391 TI-OPA391 Datasheet
1Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA391 TI-OPA391 Datasheet
2Mb / 44P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
OCTOBER 2024
OPA391DCKR TI-OPA391DCKR Datasheet
718Kb / 18P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim??Op Amp
More results


Similar Description - OPA391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA714C TI-UA714C Datasheet
202Kb / 4P
ULTRA-LOW-OFFSET-COLTAGE OPERATIONAL AMPLIFIERS
OPA391 TI-OPA391 Datasheet
718Kb / 18P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim??Op Amp
OPA392 TI-OPA392 Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V01 Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA397 TI-OPA397 Datasheet
1Mb / 30P
OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V02 Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA391 TI-OPA391_V01 Datasheet
2Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED NOVEMBER 2022
OPA391 TI-OPA391_V02 Datasheet
1Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392 TI-OPA392_V03 Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392 TI-OPA392_V04 Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com