Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN3501 Datasheet (PDF) - NXP Semiconductors

PTN3501 Datasheet PDF - NXP Semiconductors
Part # PTN3501
Download  PTN3501 Download
File Size   106.33 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Maintenance and control device

PTN3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN3501 Datasheet PDF - NXP Semiconductors

Part # PTN3501
Download  PTN3501 Click to download

File Size   106.33 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Maintenance and control device

PTN3501 Datasheet (HTML) - NXP Semiconductors


PTN3501 Product details

DESCRIPTION
The PTN3501 is a general purpose maintenance and control device. It features an on-board E2PROM that can be used to store error codes or board manufacturing data for read–back by application software for diagnostic purposes.

FEATURES
• I2C to parallel port expander
• Internal 256x8 E2PROM
• Self timed write cycle (5 ms typ.)
• 16 byte page write operation
• Controlled pull-up on address lines
• Low voltage VCC range of +2.5 V to +3.6 V
• 5 V – tolerant I/Os
• Low standby current (< 60 µA )
• Power on Reset
• Supports Live Insertion
• Compatible with SMBus specification version 1.1
• High E2PROM endurance and data retention
• Available in TSSOP20 package




Similar Part No. - PTN3501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
PTN3500D PHILIPS-PTN3500D Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
PTN3500DH PHILIPS-PTN3500DH Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
More results


Similar Description - PTN3501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
73862 ETC2-73862 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
logo
Marl International Limi...
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
Reduces stock and maintenance costs
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
Reduces stock and maintenance costs
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
Windows-compatible software control and device programming
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com