Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1435328 Datasheet (PDF) - PHOENIX CONTACT

1435328 Datasheet PDF - PHOENIX CONTACT
Part # 1435328
Download  1435328 Download
File Size   665.14 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS-B-1L-Z SCO/.../... - Sensor/actuator cable

1435328 Datasheet (PDF)

Go To PDF Page Download Datasheet
1435328 Datasheet PDF - PHOENIX CONTACT

Part # 1435328
Download  1435328 Click to download

File Size   665.14 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS-B-1L-Z SCO/.../... - Sensor/actuator cable

1435328 Datasheet (HTML) - PHOENIX CONTACT


1435328 Product details

Sensor/actuator cable, 3-position, Plug straight M12 SPEEDCON, coding: A, on Valve connector
B (10 mm), with 1 LED, Wiring: Z diode, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Convenient: increased machine availability thanks to quick and easy diagnostics
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1435328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435302 PHOENIX-1435302 Datasheet
116Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/B-1L-Z SCO
1435315 PHOENIX-1435315 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/B-1L-Z SCO
1435331 PHOENIX-1435331 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/B-1L-Z SCO
1435344 PHOENIX-1435344 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/B-1L-Z SCO
1435357 PHOENIX-1435357 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/B-1L-Z SCO
More results


Similar Description - 1435328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400698 PHOENIX-1400698 Datasheet
89Kb / 3P
Sensor/Actuator cable - SAC-3P-MS/1,0-PUR/A-1L-Z SCO
1434918 PHOENIX-1434918 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/A-1L-Z SCO
1435137 PHOENIX-1435137 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/BI-1L-Z SCO
1435153 PHOENIX-1435153 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/BI-1L-Z SCO
1435289 PHOENIX-1435289 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/B-1L-Z SCO
1435292 PHOENIX-1435292 Datasheet
114Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,6-PUR/B-1L-Z SCO
1435302 PHOENIX-1435302 Datasheet
116Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/B-1L-Z SCO
1435315 PHOENIX-1435315 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/B-1L-Z SCO
1435467 PHOENIX-1435467 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/C-1L-Z SCO
1435593 PHOENIX-1435593 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,6-PUR/CI-1L-Z SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com