Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33888 Datasheet (PDF) - Freescale Semiconductor, Inc

33888 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33888
Download  33888 Download
File Size   1868.34 Kbytes
Page   40 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High-Side and Octal Low-Side Switch for Automotive

33888 Datasheet (PDF)

Go To PDF Page Download Datasheet
33888 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33888
Download  33888 Click to download

File Size   1868.34 Kbytes
Page   40 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High-Side and Octal Low-Side Switch for Automotive

33888 Datasheet (HTML) - Freescale Semiconductor, Inc


33888 Product details

The 33888 is a single-package combination of a power die with four discrete high-side MOSFETs (two 10 mΩ and two 40 mΩ) and an integrated IC control die consisting of eight low-side drivers (600 mΩ each) with appropriate control, protection, and diagnostic features. Programming, control, and diagnostics are accomplished using a 16-bit SPI interface. Additionally, each high-side output has its own parallel input for pulse-width modulation (PWM) control if desired. The low sides share a single configurable direct input. The 33888 is available in two power packages.



Features

Dual 10 mΩ High Side, Dual 40 mΩ High Side, Octal 600 mΩ Low Side

Full Operating Voltage of 6.0 V to 27 V

SPI Control of High-Side Overcurrent Limit, High Side Current Sense, Output OFF Open Load Detection, Output ON/OFF Control, Watchdog Timeout

SPI Reporting of Program Status and Fault

High-Side Analog Current Feedback with Selectable Ratio

Enhanced 16 V Reverse Polarity VPWR Protection




Similar Part No. - 33888

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33888 MOTOROLA-33888 Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
33888A MOTOROLA-33888A Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
More results


Similar Description - 33888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
logo
Motorola, Inc
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
MC33888FB MOTOROLA-MC33888FB Datasheet
711Kb / 18P
Quad High Side and Octal Low Side Switch for Automotive
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
logo
Freescale Semiconductor...
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
Quad High Side Switch
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
QUAD LOW SIDE SWITCH
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com