Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30KP Datasheet (PDF) - Won-Top Electronics

30KP Datasheet PDF - Won-Top Electronics
Part # 30KP
Download  30KP Download
File Size   104.55 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30000W TRANSIENT VOLTAGE SUPPRESSOR

30KP Datasheet (PDF)

Go To PDF Page Download Datasheet
30KP Datasheet PDF - Won-Top Electronics

Part # 30KP
Download  30KP Click to download

File Size   104.55 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30000W TRANSIENT VOLTAGE SUPPRESSOR

30KP Datasheet (HTML) - Won-Top Electronics


30KP Product details

Glass Passivated Die Construction
30000W Peak Pulse Power Dissipation
28V – 288V Standoff Voltage
Uni- and Bi-Directional Versions Available
Excellent Clamping Voltage
Typical Response Time < 1nS
Plastic Case Material has UL Flammability
Classification Rating 94V-0




Similar Part No. - 30KP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
30KP EIC-30KP Datasheet
125Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
30KP NJSEMI-30KP Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
30KW Transient Voltage Suppressor
logo
UN Semiconducctor INC
30KP UNSEMI-30KP Datasheet
3Mb / 6P
30000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Microsemi Corporation
30KP100 MICROSEMI-30KP100 Datasheet
188Kb / 3P
30kW Transient Voltage Suppressor
More results


Similar Description - 30KP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
30KPA LITTELFUSE-30KPA Datasheet
129Kb / 5P
Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
30KPA28CA HUAXINAN-30KPA28CA Datasheet
424Kb / 5P
30000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
30KP UNSEMI-30KP Datasheet
3Mb / 6P
30000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com