Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD403 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AOD403 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AOD403
Download  AOD403 Download
File Size   418.01 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V P-Channel MOSFET

AOD403 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD403 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AOD403
Download  AOD403 Click to download

File Size   418.01 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V P-Channel MOSFET

AOD403 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AOD403 Product details

General Description
The AOD403 uses advanced trench technology to provide excellent
RDS(ON), low gate charge and low gate resistance. With the excellent
thermal resistance of the TO-252 package, this device is well suited
for high current load applications.

Features
VDS (V) = -30V
RDS(ON)< 8mΩ (VGS = -10V)
RDS(ON)< 6.2mΩ (VGS = -20V)




Similar Part No. - AOD403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD403 AOSMD-AOD403 Datasheet
153Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AOD403 AOSMD-AOD403 Datasheet
414Kb / 6P
30V P-Channel MOSFET
AOD403 AOSMD-AOD403 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Inchange Semiconductor ...
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD403 VBSEMI-AOD403 Datasheet
1,023Kb / 8P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - AOD403

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com