Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD409 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AOD409 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AOD409
Download  AOD409 Download
File Size   391.07 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel -60 V (D-S) MOSFET

AOD409 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD409 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AOD409
Download  AOD409 Click to download

File Size   391.07 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel -60 V (D-S) MOSFET

AOD409 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AOD409 Product details

General Description
The AOD409 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal resistance
of the TO-252 package, this device is well suited for
high current load applications.

Features
VDS (V) = -60V
ID = -26A (VGS = -10V)
RDS(ON) < 48mΩ (VGS = -10V) @ -20A
RDS(ON) < 55mΩ (VGS = -4.5V)




Similar Part No. - AOD409

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD409 AOSMD-AOD409 Datasheet
185Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
243Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
2Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD409 ISC-AOD409 Datasheet
267Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD409 VBSEMI-AOD409 Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
More results


Similar Description - AOD409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com